PART |
Description |
Maker |
JLS1300-0701 JLS1300-0811 JLS1300-0801 JLS1300-071 |
SPECIAL SWITCH-LEVER PUSH SWITCH, SPDT, MOMENTARY, 0.01A, 5VDC, SURFACE MOUNT-RIGHT ANGLE
|
SMK CORP
|
PBAR2BC2000JOG PBAR2BC2000POG PBAR6BC2000LOG PBARY |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, PANEL MOUNT-THREADED SPECIAL SWITCH-PIEZO SWITCH, SPST, LATCHED, 0.2A, 24VDC, PANEL MOUNT-THREADED
|
Aerovox, Corp.
|
JXS0000-0611 JXS0000-0511 |
SPECIAL SWITCH-MULTI SWITCH, SP4T, MOMENTARY, 0.02A, 12VDC, SURFACE MOUNT-STRAIGHT LEAD FREE
|
SMK, Corp.
|
1241.3254 |
SPECIAL SWITCH-
|
SCHURTER INC
|
DZ-10GW22-1A DZ-10GW22-1B DZ-10GV2-1A DZ-10GV2-1B |
Special-purpose Basic Switch
|
http:// Omron Electronics LLC
|
VSC210 |
IPMI Baseboard Management Controller Product Brief Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:11; Indexing:30 ; No. of Decks:1; Switch Terminals:Solder Lug; Circuitry:SPDT; Mounting Type:Panel; Switch Features:30 degrees Indexing RoHS Compliant: Yes
|
Vitesse Semiconductor C... Vitesse Semiconductor Corporation.
|
S1A0067X01 S1A0067X01-X0BO |
4.6W AUDIO POWER AMP 4.6W音频功率放大 Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:10A; Switch Terminals:Quick Connect; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator RoHS Compliant: Yes
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
DG3157DL-T1 DG3157DL-T1-E3 DG315708 |
2-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
|
Vishay Siliconix
|
SM5010BK1S SM5010BH2S SM5010AN1S SM5010AN2S SM5010 |
AC OUTPUT MODULE NON ZERO CROSS 晶体振荡器模块集成电 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes 晶体振荡器模块集成电 Crystal Oscillator Module ICs
|
Nippon Precision Circuits I... Seiko NPC, Corp. Seiko NPC Corporation NPC[Nippon Precision Circuits Inc] Nippon Precision Circui...
|
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|
IDT71B74S10TP IDT71B74S10Y IDT71B74S12TP IDT71B74S |
M C SWITCH EXTREME 10/100SM 24-VDC SC M C SWITCH EXTREME 10/100MM 48-VDC ST M C SWITCH EXTREME 10/100MM 24-VDC ST M C SWITCH EXTREME 10/100MM 95-260-VAC ST MC SWITCH STANDARD 10/100MM 115-VAC SC MC SWITCH EXTREME 10/100 SM ST 12-VDC BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
M41T80 |
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Screw; Contact Current Max:50mA
|
意法半导
|